PART |
Description |
Maker |
X5163 X5163P X5163S8 X5163S8-2.7 X5163S8-2.7A X516 |
RTC Module With CPU Supervisor CPU Supervisor with 16Kbit SPI EEPROM
|
http:// XICOR[Xicor Inc.]
|
EP8250 EP8251 EP8252 EP8253 EP8254 EP8255 EP8256 E |
Analog IC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP SQUARE, 94.5 MHz, WAVEFORM GENERATION, PDIP5 14 Pin DIP TTL Square-Wave Generator
|
PCA ELECTRONICS INC.
|
X5165PI X5163V14I-2.7T1 X5165V14-2.7T1 X5165V14I-2 |
CPU Supervisor with 16Kbit SPI EEPROM Description THYRISTOR MODULE, 95A, 0800V; Thyristor/Triac type:Thyristor; Voltage, Vdrm:800V; Current, It rms:150A; Current, Itsm:2000A; Current, Igt:150mA; Voltage, Vgt:3.0V; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, It av:95A; RoHS Compliant: Yes RTC Module With CPU Supervisor ; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:70A; Forward Current:125A; Operating Temp. Max:125 ; Package/Case:SEMIPACK 1; Peak
|
http:// Intersil Corporation
|
X5043 X5043P-4.5A X5045 X5043V14I-4.5A X5043M8 X50 |
CPU Supervisor with 4K SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
X5083_06 X5083 X5083P X5083P-2.7 X5083P-2.7A X5083 |
CPU Supervisor with 8Kbit SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
X5323PZ-2.7 X5323PZ-4.5A X5323PZ-2.7A X5323PIZ-2.7 |
CPU Supervisor with 32kBit SPI EEPROM
|
Intersil Corporation
|
ASM161SEUS ASM161_162_V1.0 ASM162TEUS_T ASM161 ASM |
3.08 V, mP supervisor circuit 4.00 V, mP supervisor circuit 2.93 V, mP supervisor circuit uP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 From old datasheet system CPU Supervisors with POR, Edge Triggered MR 4.63 V, mP supervisor circuit 4.38 V, mP supervisor circuit
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
X5649S14I-4.5A X5648 X5648P X5648P-4.5A X5648S14 X |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 CAP 270PF 50V CERAMIC MONO 5% 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 THYRISTOR/DIODE MODULE, 106A 1600V Thyristor Module; Current, It av:25A; Repetitive Reverse Voltage Max, Vrrm:1600V; Package/Case:SEMIPACK 1; Leaded Process Compatible:No; Forward CPU Supervisor with 64Kbit SPI EEPROM
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FL-3518-TS FL-3528-SS FL-3525-FS FL-3525-S FL-3500 |
CPU Supervisor with 2 k EEPROM RTC Module With CPU Supervisor 1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE 1310 nm激光二极管模块致冷量子阱,计划生育与插座劳工处 SS SOT23 GP XSTR PNP 45V 1310 nm激光二极管模块致冷量子阱,计划生育与插座劳工处
|
Optoway Technology Inc. Optoway Technology, Inc.
|
BR25H160FJ-2C BR25H160FJ-2CE2 |
Automotive 125Operation SPI BUS 16Kbit (2048x8bit) EEPROM
|
ROHM
|
X5168PI-4.5A X5168PI-2.7A X5168PIZ-2.7A X5168PZ-4. |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Intersil, Corp. INTERSIL CORP
|
M41ST95YMX6TR M41ST95W M41ST95WMH6 M41ST95WMH6E M4 |
MMJ IN-LINE COUPLER F/F CROSSP 5.0.0V12位(64位8)串行时钟(SPI)的静态存储器和NVRAM MOD CONN, RJ-11, 4 WIRE CLUSTER BAR, RJ-11 W/ (8) 6-WI 5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|